Part Number Hot Search : 
UZ7860 A5800847 CPD48 BT2222A HA5023 CAT4026 MAX66020 5320PI
Product Description
Full Text Search
 

To Download EMB-H61A-A10-NC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10-13 mini-itx embedded motherboard with intel? 2nd/3rd generation core? i7/ i5/ i3/ pentium? processor system form factor mini-itx processor intel? 2nd/3rd generation core? i7/ i5/ i3/ pentium?/ celeron? processors supports intel? 32 nm cpu up to 65w (65w cpu supported without turbo boost mode) system memory dual-channel with 204-pin sodimm x 2 ddr3 1066/1333 mhz , max. 16gb chipset intel? h61 i/o chipset fintek f81866d-i ethernet realtek 8111e, gigabit ethernet, rj-45 x 2 bios ami bios, spi type, 64mb rom wake on lan yes watchdog timer 1~255 steps programmable tpm infineon slb9635 h/w status monitoring temperature monitor on cpu/chassis voltage monitor on vcore /5v/3.3v/12v fan monitor on cpu/chassis expansion interface pcie[x4] x 1, full size mini pcie socket with sim slot x 1 (msata optional) battery lithium battery power requirement 12vdc with 4 pin power connector power consumption intel? core? i5-2390t, ddr3 1333 8gb 3.9a@12v board size 6.7" x 6.7"(170mm x 170mm) gross weight 1.1 lb (0.5 kg) operation temperature 32f ~ 131f (0c ~ 55c) storage temperature -40f ~ 185f (-40 c ~ 85c) operation humidity 0% ~ 90% relative humidity, non-condensin mtbf (hours) 117,000 display graphic engine intel? graphics media accelerator resolution up to 2048 x 1536 @75hz for vga up to 1920 x 1200 @60hz for dvi up to 1920 x 1200 @60hz for hdmi up to 1920 x 1200 @60hz for lvds output interface dual channel 18/24-bit lvds hdmi, vga, dvi-d, lvds ? sata cable x 2 ? sata power cable ? i/o shield ? product cd ? emb-h61a packing list intel? socket 1155 for 3rd and 2nd generation core? i5/ i3 processor up to 65w dual-channel ddr3 1333/1066 mhz sodimm x 2, up to 16gb gigabit ethernet x 2 intel? integrated graphics engine supports dual display by vga, dvi, hdmi, lvds hd 5.1ch audio sata 3.0gb/s x 2, cf-sata x 1 (optional) usb2.0 x 8 , com x 6 pci-express[x4] x 1, mini card x 1 (msata optional), tpm module usb2.0 i/o storage sata 3.0gb/s x 2, cf-sata x 1 (sata+ide) optional serial port rs-232/422/485 x 1 supports 5v/12v/ ri on the 9th (on i/o), rs-232 x 5 (pin header) usb usb 2.0 x 8 (2 ports at mid-board, 6 ports at back panel) digital i/o 8-bit programmable (4-in / 4-out) ps/2 port kb/ms ps/2 combo port x 1 (integrated with dock usb) audio line-in, mic-in, line-out emb-h61a chassis fan sata 2 x 2 lvds pci-e [x4] x 1 ddr3 sodimm x 2 4-pin 12v atx power kb/ms ps/2 combo port usb x 2 com vga 10/100/1000base-tx audio usb x 4 hdmi dvi com x 5 dio 10 features embedded & industrial motherboards specifications
10-14 ordering information optional accessories ? 17592h61a0 cooler for emb-h61a ? sata power cable ? 1701100206 com port cable ? 1709100201 usb2.0 cable ? 1709070800 sata cable part number cpu ram fan/fanless display storage lvds lan usb rs-232 rs-232/422/485 expansion slot power temp. emb-h61a-a10 socket sodimm fan vga/dvi-d/lvds/hdmi sata2 x 2, cf-sata x 1 18/24-bit dual-channel gbe x 2 8 5 1 pci-e [x4] x 1 12v dc 0c ~ 55c EMB-H61A-A10-NC socket sodimm fan vga/dvi-d/lvds/hdmi sata2 x 2 18/24-bit dual-channel gbe x 2 8 5 1 pci-e [x4] x 1 12v dc 0c ~ 55c emb-h61a dimension unit: mm


▲Up To Search▲   

 
Price & Availability of EMB-H61A-A10-NC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X